Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAP803 Fiches technique(PDF) 1 Page - Diotec Semiconductor

No de pièce DAP803
Description  Small Signal Diode Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DAP803 Fiches technique(HTML) 1 Page - Diotec Semiconductor

  DAP803 Datasheet HTML 1Page - Diotec Semiconductor DAP803 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Leads kept at ambient temperature at a distance of 3 mm from case
Anschlußdrähte in 3 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten
366
28.02.2002
DAN 803 / DAP 803 / DA 4148A/K (200 mW)
Small Signal Diode Arrays
Dioden Sätze mit Allzweckdioden
Nominal power dissipation
200 mW
Nenn-Verlustleistung
Repetitive peak reverse voltage
80 V
Periodische Spitzensperrspannung
9 Pin-Plastic case
24 x 3.5 x 6.6 [mm]
9 Pin-Kunststoffgehäuse
Weight approx. – Gewicht ca.
0.6 g
Dimensions / Maße in mm
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
s. Seite 22
"DAP": common anodes / gemeinsame Anoden
"DAN": common cathodes / gemeinsame Kathoden
"DA4148A": common anodes / gemeinsame Anoden
"DA4148K" : common cathodes / gemeinsame Kathoden
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
DAN 803 = DA 4148 K
80
80
DAP 803 = DA 4148 A
80
80
Max. average forward rectified current, R-load,
T
A = 25
/C
for one diode operation only
I
FAV
100 mA 1)
per diode for simultaneous operation
I
FAV
25 mA 1)
Dauergrenzstrom in Einwegschaltung mit R-Last,
T
U = 25
/C
für eine einzelne Diode
I
FAV
100 mA 1)
pro Diode bei gleichzeitigem Betrieb
I
FAV
25 mA 1)
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
500 mA
Stoßstrom für eine 50 Hz Sinus-Halbwelle


Numéro de pièce similaire - DAP803

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
DAP803 SEMIKRON-DAP803 Datasheet
157Kb / 2P
Silicon rectifiers arrays
DAP803 SEMIKRON-DAP803 Datasheet
165Kb / 2P
Silicon rectifiers arrays
logo
Diotec Semiconductor
DAP803 DIOTEC-DAP803 Datasheet
120Kb / 2P
Small Signal Diode Arrays
logo
New Jersey Semi-Conduct...
DAP803 NJSEMI-DAP803 Datasheet
30Kb / 1P
SIP NETWORKS
DAP803 NJSEMI-DAP803 Datasheet
418Kb / 1P
SIP NETWORKS
More results

Description similaire - DAP803

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
DAN401 DIOTEC-DAN401 Datasheet
132Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403 Datasheet
144Kb / 2P
Small Signal Diode Arrays
DAN601 DIOTEC-DAN601 Datasheet
135Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801 Datasheet
138Kb / 2P
Small Signal Diode Arrays
DAN803 DIOTEC-DAN803_08 Datasheet
120Kb / 2P
Small Signal Diode Arrays
DAN401 DIOTEC-DAN401_08 Datasheet
110Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403_08 Datasheet
126Kb / 2P
Small Signal Diode Arrays
DAN601 DIOTEC-DAN601_08 Datasheet
122Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801_08 Datasheet
111Kb / 2P
Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_18 Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
More results


Html Pages

1 2