| Moteur de recherche de fiches techniques de composants électroniques |
|
VLS252010CX-R47M Fiches technique(PDF) 9 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
VLS252010CX-R47M Fiches technique(HTML) 9 Page - TDK Electronics |
|
9 / 9 page ![]() (9/9) INDUC T O RS 20160411 / inductor_commercial_power_vls252010cx_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. VLS252010CX Type PACKAGING STYLE REEL DIMENSIONS * These values are typical values. TAPE DIMENSIONS Type A W1 W2 N E VLS252010CX ø180 9 13 ø60 0.5 ø13.0 ±0.5 ø21.0 ±0.8 2.0 ±0.5 A (1.0) Dimensions in mm E W2 W1 P0 P2 øD0 P1 A t K Dimensions in mm Type A B øD0 E F P0 P1 P2 W K t VLS252010CX 2.3 2.8 1.5+0.1/-0 1.75±0.1 3.5±0.05 4.0±0.1 4.0±0.1 2.0±0.05 8.0±0.2 1.15 0.25 |