Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9613 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce AD9613
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9613 Fiches technique(HTML) 28 Page - Analog Devices

Back Button AD9613 Datasheet HTML 24Page - Analog Devices AD9613 Datasheet HTML 25Page - Analog Devices AD9613 Datasheet HTML 26Page - Analog Devices AD9613 Datasheet HTML 27Page - Analog Devices AD9613 Datasheet HTML 28Page - Analog Devices AD9613 Datasheet HTML 29Page - Analog Devices AD9613 Datasheet HTML 30Page - Analog Devices AD9613 Datasheet HTML 31Page - Analog Devices AD9613 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD9613
Data Sheet
Rev. C | Page 28 of 36
CHANNEL/CHIP SYNCHRONIZATION
The AD9613 has a SYNC input that allows the user flexible
synchronization options for synchronizing the internal blocks.
The sync feature is useful for guaranteeing synchronized operation
across multiple ADCs. The input clock divider can be synchronized
using the SYNC input. The divider can be enabled to synchronize
on a single occurrence of the SYNC signal or on every occurrence
by setting the appropriate bits in Register 0x3A.
The SYNC input is internally synchronized to the sample clock.
However, to ensure that there is no timing uncertainty between
multiple parts, the SYNC input signal should be synchronized
to the input clock signal. The SYNC input should be driven
using a single-ended CMOS type signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36