Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CGS701AV Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CGS701AV
Description  Commercial, Industrial Low Skew PLL 1 to 8 CMOS Clock Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CGS701AV Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button CGS701AV Datasheet HTML 2Page - National Semiconductor (TI) CGS701AV Datasheet HTML 3Page - National Semiconductor (TI) CGS701AV Datasheet HTML 4Page - National Semiconductor (TI) CGS701AV Datasheet HTML 5Page - National Semiconductor (TI) CGS701AV Datasheet HTML 6Page - National Semiconductor (TI) CGS701AV Datasheet HTML 7Page - National Semiconductor (TI) CGS701AV Datasheet HTML 8Page - National Semiconductor (TI) CGS701AV Datasheet HTML 9Page - National Semiconductor (TI) CGS701AV Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Example Cascading CGS701A
TLF11920 – 7
Application Example External Feedback Option for the CGS701A
Any one of the 1X output clocks (CLK1 –0–CLK1–5) on the CGS701A can be used instead of the FBK OUT pin When used in
this configuration pin 7 is a no connect and the 1X outputs can no longer be used in the 2X mode
TLF11920 – 15
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10