| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7770 Fiches technique(PDF) 66 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7770 Fiches technique(HTML) 66 Page - Analog Devices |
|
66 / 94 page ![]() AD7770 Data Sheet Rev. A | Page 66 of 94 DISABLE CLOCKS TO ADC CHANNEL REGISTER Address: 0x008, Reset: 0x00, Name: CH_DISABLE Channel 7 Disable Channel 0 Disable Channel 6 Disable Channel 1 Disable Channel 5 Disable Channel 2 Disable Channel 4 Disable Channel 3 Disable 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7] CH7_DISABLE (R/W) [0] CH0_DISABLE (R/W) [6] CH6_DISABLE (R/W) [1] CH1_DISABLE (R/W) [5] CH5_DISABLE (R/W) [2] CH2_DISABLE (R/W) [4] CH4_DISABLE (R/W) [3] CH3_DISABLE (R/W) Table 52. Bit Descriptions for CH_DISABLE Bits Bit Name Settings Description Reset Access 7 CH7_DISABLE Channel 7 Disable 0x0 R/W 6 CH6_DISABLE Channel 6 Disable 0x0 R/W 5 CH5_DISABLE Channel 5 Disable 0x0 R/W 4 CH4_DISABLE Channel 4 Disable 0x0 R/W 3 CH3_DISABLE Channel 3 Disable 0x0 R/W 2 CH2_DISABLE Channel 2 Disable 0x0 R/W 1 CH1_DISABLE Channel 1 Disable 0x0 R/W 0 CH0_DISABLE Channel 0 Disable 0x0 R/W CHANNEL 0 SYNC OFFSET REGISTER Address: 0x009, Reset: 0x00, Name: CH0_SYNC_OFFSET Channel Sync Offset 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7:0] CH0_SYNC_OFFSET (R/W) Table 53. Bit Descriptions for CH0_SYNC_OFFSET Bits Bit Name Settings Description Reset Access [7:0] CH0_SYNC_OFFSET Channel Sync Offset 0x0 R/W CHANNEL 1 SYNC OFFSET REGISTER Address: 0x00A, Reset: 0x00, Name: CH1_SYNC_OFFSET Channel Sync Offset 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7:0] CH1_SYNC_OFFSET (R/W) Table 54. Bit Descriptions for CH1_SYNC_OFFSET Bits Bit Name Settings Description Reset Access [7:0] CH1_SYNC_OFFSET Channel Sync Offset 0x0 R/W CHANNEL 2 SYNC OFFSET REGISTER Address: 0x00B, Reset: 0x00, Name: CH2_SYNC_OFFSET Channel Sync Offset 0 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 [7:0] CH2_SYNC_OFFSET (R/W) Table 55. Bit Descriptions for CH2_SYNC_OFFSET Bits Bit Name Settings Description Reset Access [7:0] CH2_SYNC_OFFSET Channel Sync Offset 0x0 R/W |