Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4050BC Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce CD4050BC
Description  Hex Inverting,Non-Inverting Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4050BC Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  CD4050BC Datasheet HTML 1Page - National Semiconductor (TI) CD4050BC Datasheet HTML 2Page - National Semiconductor (TI) CD4050BC Datasheet HTML 3Page - National Semiconductor (TI) CD4050BC Datasheet HTML 4Page - National Semiconductor (TI) CD4050BC Datasheet HTML 5Page - National Semiconductor (TI) CD4050BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Schematic Diagrams
CD4049UBMCD4049UBC
1 of 6 Identical Units
TLF5971 – 3
CD4050BMCD4050BC
1 of 6 Identical Units
TLF5971 – 4
Switching Time Waveforms
TLF5971 – 5
Typical Applications
CMOS to TTL or CMOS at a Lower VDD
TLF5971 – 6
Note
VDD1 t VDD2
Note
In the case of the CD4049UBMCD4049UBC
the output drive capability increases with increasing
input voltage Eg If VDD1 e 10V the CD4049UBM
CD4049UBC could drive 4 TTL loads
5



Html Pages

1 2 3 4 5 6