| Moteur de recherche de fiches techniques de composants électroniques |
|
QPC6713 Fiches technique(PDF) 14 Page - RF Micro Devices |
|
|
|||||||||||||||||||||||||||||
QPC6713 Fiches technique(HTML) 14 Page - RF Micro Devices |
|
14 / 17 page ![]() Revision DS20160112 - 14 of 17 - Disclaimer: Subject to change without notice © 2015 RF Micro Devices, Inc. www.rfmd.com / www.qorvo.com QPC6713 RFMD + TriQuint = Qorvo Serial Addressable Mode Address Word Truth Table Address Word Address Setting A7 A6 A5 A4 A3 A2 (MSB) A1 A0 X X X X X L L L 000 X X X X X L L H 001 X X X X X L H L 010 X X X X X L H H 011 X X X X X H L L 100 X X X X X H L H 101 X X X X X H H L 110 X X X X X H H H 111 Serial Addressable Mode Timing Diagram CLK LE SI D0 D2 D1 D4 D6 D5 D3 A0 A2 A1 D7 A4 A6 A5 A3 A7 X A[2:0] VALID X X A[2:0] External Address Setting X Note: Bits D7, A3-A7 are not used and can be set to logic high or low |