| Moteur de recherche de fiches techniques de composants électroniques |
|
PRD15 Fiches technique(PDF) 10 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
PRD15 Fiches technique(HTML) 10 Page - CUI INC |
|
10 / 14 page ![]() cui.com date 03/28/2016 │ page 10 of 14 CUI Inc │ SERIES: PRD15 │ DESCRIPTION: DC-DC CONVERTER PACKAGING (THROUGH HOLE) SECTION A-A Depth Pocket 9.5 [.38 in] 19.1 [.75 in] Typ Typ R 28.4 177.8 [9.92] 252.0 Typ 6.4 Typ 6.4 6.4 Typ 18.0 5x Ref 38.1 22.9 190.5 Ref 252.0 [9.92] 25.4 4x 44.5 A A 19.1 Ref 252.0 Ref 252.0 Ref 9.5 deep Ref Anti-static foam Label Label Each tray is 6 x 5 units (30 units per tray) units: mm [inches] tolerance: +1/-0 mm TrayMaterial:Dow220anti-staticethafoam TraySize:252x252x19.1mm QTY:30pcspertray(6x5) For more information, please visit the product page. |