Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3155 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3155
Description  16 MHz Bandpass F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3155 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3155 Datasheet HTML 1Page - KR Electronics, Inc. 3155 Datasheet HTML 2Page - KR Electronics, Inc. 3155 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3155, Rev 0, June 3, 2014
KR Electronics, Inc.
KR Electronics part number 3155 is a 16 MHz bandpass
filter. The filter has a min 3 dB bandwidth of 4 MHz. The
filter is group delay equalized for linear phase in the pass-
band. Elliptic type response for quick transition to the stop-
band. Other frequencies are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 16 MHz Bandpass Filter
 4 MHz min 3 dB Bandwidth
 8 MHz max 20 dB Bandwidth
 Linear Phase ±2° max
 Elliptic Type Response
 50  Source and Load
 Surface Mount Package
 SMA Connectors Also Available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(6 dB/div)


Numéro de pièce similaire - 3155

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3155 ETC2-3155 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3155 ETC2-3155 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3155 HEYCO-3155 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Carclo Technical Plasti...
3155 COIL-3155 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Keystone Electronics Co...
3155 KEYSTONE-3155 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Description similaire - 3155

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2451-S KR-2451-S Datasheet
48Kb / 2P
140 MHz Bandpass
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
2629-40-1 KR-2629-40-1 Datasheet
89Kb / 2P
160 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3155-SMA KR-3155-SMA Datasheet
77Kb / 3P
16 MHz Bandpass Filter
3192-3 KR-3192-3 Datasheet
105Kb / 3P
2000 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
1087.5 MHz Bandpass
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com