Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3209 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3209
Description  375 MHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3209 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3209 Datasheet HTML 1Page - KR Electronics, Inc. 3209 Datasheet HTML 2Page - KR Electronics, Inc. 3209 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2015, KR Electronics, Inc.
3209, 375 MHz Bandpass, Rev 0
KR Electronics, Inc.
KR Electronics part number 3209 is a 375 MHz bandpass filter.
The filter has a minimum 3 dB bandwidth of 220 MHz and a
maximum 60 dB bandwidth of 355 MHz. Other center frequen-
cies and are bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 375 MHz Bandpass
 3 dB Bandwidth 220 MHz min
 Highly Selective Elliptic Type
 50  Source and Load
 Surface Mount
 SMA Connectors Available
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-2500
(732) 636-2582
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3209

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
3209 ALLEGRO-3209 Datasheet
861Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
List of Unclassifed Man...
3209 ETC2-3209 Datasheet
68Kb / 1P
WASHERS
logo
Sensata Technologies, I...
3209 SENSATA-3209 Datasheet
176Kb / 3P
ROTARY MOTION | PRECISION SENSOR
logo
Keystone Electronics Co...
3209 KEYSTONE-3209 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Description similaire - 3209

FabricantNo de pièceFiches techniqueDescription
logo
API Technologies Corp
MN95029 APITECH-MN95029 Datasheet
152Kb / 3P
375 MHz Delay Line 2.25 MHz Bandwidth
logo
KR Electronics, Inc.
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
2975 KR-2975 Datasheet
95Kb / 3P
375 MHz Center Frequency
2975-SMA KR-2975-SMA Datasheet
70Kb / 3P
375 MHz Center Frequency
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3103 KR-3103 Datasheet
57Kb / 3P
375 MHz Bandpass Filter
3301-25 KR-3301-25 Datasheet
107Kb / 3P
375 MHz Bandpass Filter
3301-50 KR-3301-50 Datasheet
106Kb / 3P
375 MHz Bandpass Filter
3301-100 KR-3301-100 Datasheet
104Kb / 3P
375 MHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com