| Moteur de recherche de fiches techniques de composants électroniques |
|
XTCPDC-RK-24-17 Fiches technique(PDF) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. |
|
|
|||||||||||||||||||||||||||||
XTCPDC-RK-24-17 Fiches technique(HTML) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. |
|
2 / 2 page ![]() MODEL SELECTION MECHANICAL OUTLINE OPTION DESIGNATIONS 400 WATTS 600 WATTS 1000 WATTS Model Nominal Voltage (VDC) Model Maximum Current (ADC) Maximum Current (ADC) Model Maximum Current (ADC) XTCPDC-RK-48-8 XTCPDC-RK-24-17 XTCPDC-RK-12-34 XTCPDC-RK-48-12 XTCPDC-RK-24-25 XTCPDC-RK-12-50 XTCPDC-RK-48-20 XTCPDC-RK-24-41 Consult Factory 48V 24V 12V 8A 17A 34A 12A 25A 50A 20A 41A -ORD -CC -LVBD -HSP -MIL -PM REDUNDANT OPERATION PANEL MOUNT RUGGEDIZED/MILITARIZED HOT SWAP BATTERY BACK-UP CONFORMAL COATING Low Voltage Battery Disconnect The LVBD module adds a new dimension to battery back-up power supplies. The power supply simultaneously charges the battery and powers the load. If the input power fails, the battery continues to support the load, thereby protecting the battery from the damaging effects of complete discharge. 18.0” TECHNOLOGY DYNAMICS INC. 100 School Street, Bergenfield, NJ 07621 Phone: (201) 385-0500, Fax: (201) 385-0702 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE www.technologydynamicsinc.com Rev. A |