| Moteur de recherche de fiches techniques de composants électroniques |
|
RV-8564 Fiches technique(PDF) 18 Page - MICORO CRYSTAL SWITZERLAND |
|
|
|||||||||||||||||||||||||||||
RV-8564 Fiches technique(HTML) 18 Page - MICORO CRYSTAL SWITZERLAND |
|
18 / 40 page ![]() Micro Crystal Real Time Clock / Calendar Module RV-8564 18/40 9.2. VOLTAGE LOW DETECTOR AND CLOCK MONITOR The RV-8564 has an on-chip voltage low detector. When VDD drops below VLOW, the VL (Voltage Low) flag is set to indicate that the integrity of the clock information is no longer guaranteed. The VL flag can only be cleared by using the interface. The VL flag is intended to detect the situation when VDD is decreasing slowly; for example under battery operation. Should the oscillator stop or VDD reach VLOW before power is reasserted, then the VL flag will be set. This indicates that the time is possibly corrupted. 9.3. SETTING AND READING THE TIME Data flow and data dependencies starting from 1 Hz clock tick |