| Moteur de recherche de fiches techniques de composants électroniques |
|
CS16USBW Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
CS16USBW Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() 16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White MODEL NUMBER: CS16USBW Description From education to business, in settings as diverse as the hospital room and the factory floor, mobile devices have transformed every organization. As tablet usage increases, charging and storing dozens of these valuable devices in limited space becomes a challenge and an even bigger security risk. Tripp Lite's iPad/Tablet Charging Stations put an end to cable sprawl and missing assets. Each station houses 16 tablets while providing high-speed charging, convenient syncing, secure storage and flexible deployment in a variety of settings. Compatible with all devices that charge via USB, including tablets (such as iPad®, Android™, Kindle™, Kindle Fire™ and Surface™ models), select ultra-portable notebooks (such as select Chromebook™ and MacBook® models) and mobile phones (such as iPhone®, Android and Windows Phone® models). Features Compatible with all devices that charge via USB, including tablets (such as iPad®, Android™, Kindle™, Kindle Fire™ and Surface™ models), select ultra-portable notebooks (such as select Chromebook™ and MacBook® models) and mobile phones (such as iPhone®, Android and Windows Phone® models) Each USB charging port delivers up to 2.4 amps of charging current Removable/reconfigurable dividers protect and organize each tablet Sturdy steel construction securely houses the devices Mounts to wall or deploys on a desk, counter or floors Device shelf is Teflon® coated to protect tablets from scratches during removal and storage Flow-through ventilation prevents devices from overheating Ships fully assembled Specifications Highlights Compatible with all devices that charge via USB, including tablets (such as iPad®, Android™, Kindle™, Kindle Fire™ and Surface™ models), select ultra-portable notebooks (such as select Chromebook™ and MacBook® models) and mobile phones (such as iPhone®, Android and Windows Phone® models) Simultaneously charges up to 16 tablets Simultaneously syncs all devices with a host computer Locking steel doors and side panels prevent theft and tampering Ships fully assembled Package Includes (1) Charging station cabinet (1) Tablet shelf (15) Removable tablet dividers (1) 16-port USB charging/syncing module (1) Wall-mount bracket (1) 10 ft. AC power cord Owner's Manual 1 / 2 |
Numéro de pièce similaire - CS16USBW |
|
Description similaire - CS16USBW |