| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F587LC Fiches technique(PDF) 16 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F587LC Fiches technique(HTML) 16 Page - SPANSION |
|
16 / 177 page ![]() D at aS h ee t August 22, 2014, MB91F587LA_DS705-00012-2v0-E 13 CONFIDENTIAL Pin No. Pin name I/O circuit type* Function 54 P070 F General-purpose I/O port AN0 ADC analog 0 input pin 55 P071 F General-purpose I/O port AN1 ADC analog 1 input pin 56 P072 G General-purpose I/O port AN2 ADC analog 2 input pin SIN4 Multi-function serial ch.4 serial data input pin INT5 INT5 external interrupt input pin 57 P073 M General-purpose I/O port AN3 ADC analog 3 input pin SOT4 Multi-function serial ch.4 serial data output pin/ I2C ch.4 serial data I/O pin (SDA) 58 P074 M General-purpose I/O port AN4 ADC analog 4 input pin SCK4 Multi-function serial ch.4 clock I/O pin/ I2C ch.4 clock I/O pin (SCL) 59 P075 G General-purpose I/O port AN5 ADC analog 5 input pin SIN3 Multi-function serial ch.3 serial data input pin INT4 INT4 external interrupt input pin 60 P076 M General-purpose I/O port AN6 ADC analog 6 input pin SOT3 Multi-function serial ch.3 serial data output pin/ I2C ch.3 serial data I/O pin (SDA) 61 P077 M General-purpose I/O port AN7 ADC analog 7 input pin SCK3 Multi-function serial ch.3 clock I/O pin / I2C ch.3 clock I/O pin (SCL) 64 P080 F General-purpose I/O port AN8 ADC analog 8 input pin PPG0 PPG ch.0 output pin 65 P081 F General-purpose I/O port AN9 ADC analog 9 input pin PPG1 PPG ch.1 output pin 66 P082 F General-purpose I/O port AN10 ADC analog 10 input pin PPG2 PPG ch.2 output pin 67 P083 F General-purpose I/O port AN11 ADC analog 11 input pin PPG3 PPG ch.3 output pin 68 P084 F General-purpose I/O port AN12 ADC analog 12 input pin PPG4 PPG ch.4 output pin 69 P085 F General-purpose I/O port AN13 ADC analog 13 input pin PPG5 PPG ch.5 output pin |