| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F587LB Fiches technique(PDF) 66 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F587LB Fiches technique(HTML) 66 Page - SPANSION |
|
66 / 177 page ![]() D at aS h ee t August 22, 2014, MB91F587LA_DS705-00012-2v0-E 63 CONFIDENTIAL Address Address offset value/Register name Block +0 +1 +2 +3 001524H SCR1/(IBCR1) [R/W] B,H,W 0--00000 SMR1[R/W] B,H,W 000000-0 SSR1[R/W] B,H,W 0--00011 ESCR1/(IBSR1) [R/W] B,H,W 00000000 Multi Function Serial I/F 1 *1: Byte access is possible only for access to lower 8 bits. *2: Reserved because I2C mode is not set immediately after reset *3: Reserved because CSIO mode is not set immediately after reset *4: Reserved because LIN2.1 mode is not set immediately after reset 001528H -/(RDR11/(TDR11))[R/W] H,W -------- -------- *3 RDR01/(TDR01)[R/W] B,H,W -------0 00000000 *1 00152CH SACSR1[R/W] B,H,W 0----000 00000000 STMR1[R] B,H,W 00000000 00000000 001530H STMCR1[R/W] B,H,W 00000000 00000000 -/(SCSCR1/SFUR1) [R/W] B,H,W -------- -------- *3,*4 001534H -/(SCSTR31) [R/W] B,H,W -------- *3 -/(SCSTR21) [R/W] B,H,W -------- *3 -/(SCSTR11/SFLR1 1) [R/W] B,H,W -------- *3,*4 -/(SCSTR01/SFLR 01) [R/W] B,H,W -------- *3,*4 001538H - - - - 00153CH - - - TBYTE01[R/W] B,H,W 00000000 001540H BGR1[R/W] H,W 00000000 00000000 -/(ISMK1)[R/W] B,H,W -------- *2 -/(ISBA1)[R/W] B,H,W -------- *2 001544H FCR11[R/W] B,H,W 00-00100 FCR01[R/W] B,H,W -0000000 FBYTE21[R/W] B,H,W 00000000 FBYTE11[R/W] B,H,W 00000000 001548H SCR2[R/W] B,H,W 0--00000 SMR2[R/W] B,H,W 000000-0 SSR2[R/W] B,H,W 0--00011 ESCR2[R/W] B,H,W 00000000 Multi Function Serial I/F 2 *1: Byte access is possible only for access to lower 8 bits. *3: Reserved because CSIO mode is not set immediately after reset *4: Reserved because LIN2.1 mode is not set immediately after reset 00154CH -/(RDR12/(TDR12))[R/W] H,W -------- -------- *3 RDR02/(TDR02)[R/W] B,H,W -------0 00000000 *1 001550H SACSR2[R/W] B,H,W 0----000 00000000 STMR2[R] B,H,W 00000000 00000000 001554H STMCR2[R/W] B,H,W 00000000 00000000 -/(SCSCR2/SFUR2) [R/W] B,H,W -------- -------- *3,*4 001558H -/(SCSTR32) [R/W] B,H,W -------- *3 -/(SCSTR22) [R/W] B,H,W -------- *3 -/(SCSTR12/SFLR 12) [R/W] B,H,W -------- *3,*4 -/(SCSTR02/SFLR 02) [R/W] B,H,W -------- *3,*4 00155CH - - - - 001560H - - - TBYTE02[R/W] B,H,W 00000000 001564H BGR2[R/W] H,W 00000000 00000000 - - 001568H FCR12[R/W] B,H,W 00-00100 FCR02[R/W] B,H,W -0000000 FBYTE22[R/W] B,H,W 00000000 FBYTE12[R/W] B,H,W 00000000 |