| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528Y Fiches technique(PDF) 46 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528Y Fiches technique(HTML) 46 Page - SPANSION |
|
46 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 43 CONFIDENTIAL I/O CIRCUIT TYPE Type Circuit Remarks A - General-purpose I/O port - Output 4mA - Pull-up resistor control 50kΩ - Automotive input B - Analog input, General-purpose I/O port - Output 4mA - Pull-up resistor control 50kΩ - Automotive input C - DAC output, General-purpose I/O port - Output 4mA - Pull-up resistor control 50kΩ - Automotive input D - I 2C Analog input, General-purpose I/O port - Output 3mA - Pull-up resistor control 50kΩ - I 2C hysteresis input Pull-up control Digital output Digital output I 2C input Standby control Analog input Pull-up control Digital output Digital output Automotive input Standby control DAC output Analog input Pull-up control Digital output Digital output Automotive input Standby control Pull-up control Digital output Standby control Automotive input Digital output |