Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB91F528M Fiches technique(PDF) 42 Page - SPANSION

No de pièce MB91F528M
Description  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528M Fiches technique(HTML) 42 Page - SPANSION

Back Button MB91F528M Datasheet HTML 38Page - SPANSION MB91F528M Datasheet HTML 39Page - SPANSION MB91F528M Datasheet HTML 40Page - SPANSION MB91F528M Datasheet HTML 41Page - SPANSION MB91F528M Datasheet HTML 42Page - SPANSION MB91F528M Datasheet HTML 43Page - SPANSION MB91F528M Datasheet HTML 44Page - SPANSION MB91F528M Datasheet HTML 45Page - SPANSION MB91F528M Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 241 page
background image
D a t a S h e e t
March 28, 2014, MB91F528_DS705-00016-1v0-E
39
CONFIDENTIAL
Pin Number
Pin Name
I/O
circuit
type
*
1
Function
*
2
144
176
208
BGA
416
137
167
195
A7
P006
-
R
General-purpose I/O port
D22
-
External Bus data bit22 I/O pin
SCS2_0
-
Serial chip select 2 I/O pin(0)
ADTG1_1
-
A/D converter external trigger input pin 1(1)
INT2_1
-
INT2 external interrupt input pin(1)
TXENB_0
-
FlexRay ch.B operation enable output(0)
138
168
196
B7
P007
-
R
General-purpose I/O port
D23
-
External Bus data bit23 I/O pin
TXDB_0
-
FlexRay ch.B data output(0)
-
-
-
D11
P292
-
A
General-purpose I/O port
-
-
-
C10
P293
-
A
General-purpose I/O port
-
169
197
D10
P166
-
A
General-purpose I/O port
PPG34_1
-
PPG ch.34 output pin(1)
139
170
198
A6
P010
-
R
General-purpose I/O port
D24
-
External Bus data bit24 I/O pin
RXDB_0
-
FlexRay ch.B data input(0)
-
-
199
C9
P234
-
P
General-purpose I/O port
SCK19_0/SCL19
-
Multi-function serial ch.19 clock I/O pin(0)/
I
2C bus serial clock I/O pin
PPG62_0
-
PPG ch.62 output pin(0)
-
-
200
D9
P235
-
P
General-purpose I/O port
SOT19_0/SDA19
-
Multi-function serial ch.19 serial data output
pin(0)/I
2C bus serial data I/O pin
PPG63_0
-
PPG ch.63 output pin(0)
AIN3_0
-
U/D counter ch.3 AIN input pin(0)
-
-
201
D8
P236
-
I
General-purpose I/O port
SIN19_0
-
Multi-function serial ch.19 serial data input
pin(0)
TRG14_0
-
PPG trigger 14 input pin(0)
BIN3_0
-
U/D counter ch.3 BIN input pin(0)
INT23_0
-
INT23 external interrupt input pin(0)
-
-
202
D7
P237
-
A
General-purpose I/O port
SCS19_0
-
Serial chip select 19 I/O pin(0)
TRG15_0
-
PPG trigger 15 input pin(0)
ZIN3_0
-
U/D counter ch.3 ZIN input pin(0)
140
171
203
B6
P011
-
R
General-purpose I/O port
WOT
-
RTC output pin
D25
-
External Bus data bit25 I/O pin
SOT2_1
-
Multi-function serial ch.2 serial data output
pin(1)
TIOA0_0
-
Base timer ch.0 TIOA output pin(0)
INT3_1
-
INT3 external interrupt input pin(1)
141
172
204
A5
P012
-
R
General-purpose I/O port
D26
-
External Bus data bit26 I/O pin
TIOB0_0
-
Base timer ch.0 TIOB input pin(0)
STOPWT_0
-
FlexRay stopwatch input(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More