| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F528R Fiches technique(PDF) 42 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R Fiches technique(HTML) 42 Page - SPANSION |
|
42 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 39 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 137 167 195 A7 P006 - R General-purpose I/O port D22 - External Bus data bit22 I/O pin SCS2_0 - Serial chip select 2 I/O pin(0) ADTG1_1 - A/D converter external trigger input pin 1(1) INT2_1 - INT2 external interrupt input pin(1) TXENB_0 - FlexRay ch.B operation enable output(0) 138 168 196 B7 P007 - R General-purpose I/O port D23 - External Bus data bit23 I/O pin TXDB_0 - FlexRay ch.B data output(0) - - - D11 P292 - A General-purpose I/O port - - - C10 P293 - A General-purpose I/O port - 169 197 D10 P166 - A General-purpose I/O port PPG34_1 - PPG ch.34 output pin(1) 139 170 198 A6 P010 - R General-purpose I/O port D24 - External Bus data bit24 I/O pin RXDB_0 - FlexRay ch.B data input(0) - - 199 C9 P234 - P General-purpose I/O port SCK19_0/SCL19 - Multi-function serial ch.19 clock I/O pin(0)/ I 2C bus serial clock I/O pin PPG62_0 - PPG ch.62 output pin(0) - - 200 D9 P235 - P General-purpose I/O port SOT19_0/SDA19 - Multi-function serial ch.19 serial data output pin(0)/I 2C bus serial data I/O pin PPG63_0 - PPG ch.63 output pin(0) AIN3_0 - U/D counter ch.3 AIN input pin(0) - - 201 D8 P236 - I General-purpose I/O port SIN19_0 - Multi-function serial ch.19 serial data input pin(0) TRG14_0 - PPG trigger 14 input pin(0) BIN3_0 - U/D counter ch.3 BIN input pin(0) INT23_0 - INT23 external interrupt input pin(0) - - 202 D7 P237 - A General-purpose I/O port SCS19_0 - Serial chip select 19 I/O pin(0) TRG15_0 - PPG trigger 15 input pin(0) ZIN3_0 - U/D counter ch.3 ZIN input pin(0) 140 171 203 B6 P011 - R General-purpose I/O port WOT - RTC output pin D25 - External Bus data bit25 I/O pin SOT2_1 - Multi-function serial ch.2 serial data output pin(1) TIOA0_0 - Base timer ch.0 TIOA output pin(0) INT3_1 - INT3 external interrupt input pin(1) 141 172 204 A5 P012 - R General-purpose I/O port D26 - External Bus data bit26 I/O pin TIOB0_0 - Base timer ch.0 TIOB input pin(0) STOPWT_0 - FlexRay stopwatch input(0) |