| Moteur de recherche de fiches techniques de composants électroniques |
|
MB91F527M Fiches technique(PDF) 33 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F527M Fiches technique(HTML) 33 Page - SPANSION |
|
33 / 241 page ![]() D a t a S h e e t 30 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 64 80 96 AC18 P080 - A General-purpose I/O port SCS52_0 - Serial chip select 52 output pin(0) PPG0_0 - PPG ch.0 output pin(0) 65 81 97 AF22 P081 - G General-purpose I/O port SOT5_0/SDA5 - Multi-function serial ch.5 serial data output pin(0)/I 2C bus serial data I/O pin AN0 - ADC analog 0 input pin PPG1_0 - PPG ch.1 output pin(0) - - - AE21 TDO - W JTAG test data output - - - AD20 TDI - V JTAG test data input 66 82 98 AC19 P082 - G General-purpose I/O port SIN5_0 - Multi-function serial ch.5 serial data input pin(0) AN1 - ADC analog 1 input pin PPG2_0 - PPG ch.2 output pin(0) - - - AE22 TRST - V JTAG test reset input - - - AC20 TCK - V JTAG test clock input - - - AE23 TMS - V JTAG test mode state input 67 83 99 AC21 P083 - B General-purpose I/O port SCS50_0 - Serial chip select 50 I/O pin(0) AN2 - ADC analog 2 input pin PPG3_0 - PPG ch.3 output pin(0) 68 84 100 AF23 P084 - B General-purpose I/O port SCS51_0 - Serial chip select 51 output pin(0) AN3 - ADC analog 3 input pin PPG4_0 - PPG ch.4 output pin(0) 69 85 101 AD23 P085 - A General-purpose I/O port PPG5_0 - PPG ch.5 output pin(0) 70 86 102 AC22 P086 - C General-purpose I/O port DAO1 - DAC analog 1 output pin PPG6_0 - PPG ch.6 output pin(0) 71 87 103 AD25 P087 - C General-purpose I/O port DAO0 - DAC analog 0 output pin PPG7_0 - PPG ch.7 output pin(0) INT8_0 - INT8 external interrupt input pin(0) - - - AC24 P266 - A General-purpose I/O port PPG74_0 - PPG ch.74 output pin(0) - - - AB23 P267 - A General-purpose I/O port PPG75_0 - PPG ch.75 output pin(0) - 90 106 AD26 P190 - A General-purpose I/O port TIN0_1 - Reload timer ch.0 event input pin(1) - 91 107 AC25 P191 - A General-purpose I/O port TIN1_1 - Reload timer ch.1 event input pin(1) |