Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9B500B Fiches technique(PDF) 13 Page - SPANSION

No de pièce MB9B500B
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B500B Fiches technique(HTML) 13 Page - SPANSION

Back Button MB9B500B Datasheet HTML 9Page - SPANSION MB9B500B Datasheet HTML 10Page - SPANSION MB9B500B Datasheet HTML 11Page - SPANSION MB9B500B Datasheet HTML 12Page - SPANSION MB9B500B Datasheet HTML 13Page - SPANSION MB9B500B Datasheet HTML 14Page - SPANSION MB9B500B Datasheet HTML 15Page - SPANSION MB9B500B Datasheet HTML 16Page - SPANSION MB9B500B Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
D a t a S h e e t
10
MB9B500B-DS706-00021-3v0-E, December 15, 2014
CONFIDENTIAL
 FPT-120P-M37
(TOP VIEW)
1
90
2
89
3
88
4
87
5
86
6
85
7
84
8
83
9
82
10
81
11
80
12
79
13
78
14
77
15
76
16
75
17
74
18
73
19
72
20
71
21
70
22
69
23
68
24
67
25
66
26
65
27
64
28
63
29
62
30
61
LQFP - 120
VSS
P20/INT05_0/CROUT/AIN1_1
P21/SIN0_0/INT06_1/BIN1_1
P22/SOT0_0/TIOB7_1/ZIN1_1
P23/SCK0_0/TIOA7_1/RTO00_1
P24/RX1_0/SIN2_1/INT01_2/RTO01_1
P25/TX1_0/SOT2_1/RTO02_1
P26/SCK2_1/RTO03_1/MCSX4
P27/INT02_2/RTO04_1/MCSX5
P28/ADTG_4/RTO05_1/MCSX6
P1F/AN15/ADTG_5/FRCK0_1/MDATA15
P1E/AN14/RTS4_1/DTTI0X_1/MDATA14
P1D/AN13/CTS4_1/IC03_1/MDATA13
P1C/AN12/SCK4_1/IC02_1/MDATA12
P1B/AN11/SOT4_1/IC01_1/MDATA11
P1A/AN10/SIN4_1/INT05_1/IC00_1/MDATA10
P19/AN09/SCK2_2/MDATA9
P18/AN08/SOT2_2/MDATA8
AVSS
AVRH
AVCC
P17/AN07/SIN2_2/INT04_1/MWEX
P16/AN06/SCK0_1/MOEX
P15/AN05/SOT0_1/MCSX0
P14/AN04/SIN0_1/INT03_1/MCSX1
P13/AN03/SCK1_1/MAD08
P12/AN02/SOT1_1/TX1_2/MAD09
P11/AN01/SIN1_1/INT02_1/RX1_2
P10/AN00
VCC
VCC
P50/INT00_0/AIN0_2/SIN3_1/RTO10_0/MDATA0
P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/MDATA1
P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/MDATA2
P53/SIN6_0/TIOA1_2/INT07_2/RTO13_0/MDATA3
P54/SOT6_0/TIOB1_2/RTO14_0/MDATA4
P55/SCK6_0/ADTG_1/RTO15_0/MDATA5
P56/SIN1_0/INT08_2/DTTI1X_0/MCSX7
P57/SOT1_0/MNALE
P58/SCK1_0/MNCLE
P59/SIN7_0/RX1_1/INT09_2/MNWEX
P5A/SOT7_0/TX1_1/MNREX
P5B/SCK7_0
P30/AIN0_0/TIOB0_1/INT03_2/MDATA6
P31/BIN0_0/TIOB1_1/SCK6_1/INT04_2/MDATA7
P32/ZIN0_0/TIOB2_1/SOT6_1/INT05_2/MDQM0
P33/INT04_0/TIOB3_1/SIN6_1/ADTG_6/MDQM1
P34/FRCK0_0/TIOB4_1/TX0_1/MAD24
P35/IC03_0/TIOB5_1/RX0_1/INT08_1/MAD23
P36/IC02_0/SIN5_2/INT09_1/MCSX3
P37/IC01_0/SOT5_2/INT10_1/MCSX2
P38/IC00_0/SCK5_2/INT11_1
P39/DTTI0X_0/ADTG_2
P3A/RTO00_0/TIOA0_1
P3B/RTO01_0/TIOA1_1
P3C/RTO02_0/TIOA2_1
P3D/RTO03_0/TIOA3_1
P3E/RTO04_0/TIOA4_1
P3F/RTO05_0/TIOA5_1
VSS
<Note>
・The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More