Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9B210T Fiches technique(PDF) 13 Page - SPANSION

No de pièce MB9B210T
Description  This document states the current technical specifications regarding
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B210T Fiches technique(HTML) 13 Page - SPANSION

Back Button MB9B210T Datasheet HTML 9Page - SPANSION MB9B210T Datasheet HTML 10Page - SPANSION MB9B210T Datasheet HTML 11Page - SPANSION MB9B210T Datasheet HTML 12Page - SPANSION MB9B210T Datasheet HTML 13Page - SPANSION MB9B210T Datasheet HTML 14Page - SPANSION MB9B210T Datasheet HTML 15Page - SPANSION MB9B210T Datasheet HTML 16Page - SPANSION MB9B210T Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 137 page
background image
D a t a S h e e t
10
MB9B210T-DS706-00015-3v0-E, February 10, 2015
CONFIDENTIAL
 FPT-144P-M08
(TOP VIEW)
VCC
1
108
VSS
PA0/RTO20_0/TIOA08_0/FRCK1_0
2
107
P83/UDP1
PA1/RTO21_0/TIOA09_0/IC10_0
3
106
P82/UDM1
PA2/RTO22_0/TIOA10_0/IC11_0
4
105
USBVCC1
PA3/RTO23_0/TIOA11_0/IC12_0
5
104
PF6/FRCK2_0/NMIX
PA4/RTO24_0/TIOA12_0/IC13_0/INT03_0
6
103
P20/INT05_0/CROUT_0/UHCONX1/AIN1_1/MAD18_0
PA5/RTO25_0/TIOA13_0/INT10_2
7
102
P21/SIN0_0/INT06_1/BIN1_1
P05/TRACED0/TIOA05_2/SIN4_2/INT00_1
8
101
P22/AN31/SOT0_0/TIOB07_1/ZIN1_1
P06/TRACED1/TIOB05_2/SOT4_2/INT01_1
9
100
P23/AN30/SCK0_0/TIOA07_1/RTO00_1
P07/TRACED2/ADTG_0/SCK4_2
10
99
P24/AN29/SIN2_1/INT01_2/RTO01_1/MAD17_0
P08/TRACED3/TIOA00_2/CTS4_2
11
98
P25/AN28/SOT2_1/RTO02_1/MAD16_0
P09/TRACECLK/TIOB00_2/RTS4_2/DTTI2X_0
12
97
P26/AN27/SCK2_1/RTO03_1/MAD15_0
P50/INT00_0/AIN0_2/SIN3_1/RTO10_0/IC20_0/MOEX_0
13
96
P27/AN26/INT02_2/RTO04_1/MAD14_0
P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/IC21_0/MWEX_0
14
95
P28/AN25/ADTG_4/INT09_0/RTO05_1/MAD13_0
P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/IC22_0/MDQM0_0
15
94
P29/AN24/MAD12_0
P53/SIN6_0/TIOA01_2/INT07_2/RTO13_0/IC23_0/MDQM1_0
16
93
VSS
P54/SOT6_0/TIOB01_2/RTO14_0/MALE_0
17
92
AVSS
P55/SCK6_0/ADTG_1/RTO15_0/MRDY_0
18
91
AVRH
P56/SIN1_0/INT08_2/TIOA09_2/DTTI1X_0/MNALE_0
19
90
AVCC
P57/SOT1_0/TIOB09_2/INT16_1/MNCLE_0
20
89
P1F/AN15/ADTG_5/INT29_1/TIOB15_2/FRCK0_1/MAD11_0
P58/SCK1_0/TIOA11_2/INT17_1/MNWEX_0
21
88
P1E/AN14/RTS4_1/INT28_1/TIOA15_2/DTTI0X_1/MAD10_0
P59/SIN7_0/TIOB11_2/INT09_2/MNREX_0
22
87
P1D/AN13/CTS4_1/INT27_1/TIOB14_2/IC03_1/MAD09_0
P5A/SOT7_0/TIOA13_1/INT18_1/MCSX0_0
23
86
P1C/AN12/SCK4_1/INT26_1/TIOA14_2/IC02_1/MAD08_0
P5B/SCK7_0/TIOB13_1/INT19_1/MCSX1_0
24
85
P1B/AN11/SOT4_1/INT25_1/TIOB13_2/IC01_1/MAD07_0
VSS
25
84
P1A/AN10/SIN4_1/INT05_1/TIOA13_2/IC00_1/MAD06_0
P36/IC02_0/SIN5_2/INT09_1/TIOA12_2/MCSX2_0
26
83
P19/AN09/SCK2_2/INT22_1/MAD05_0
P37/IC01_0/SOT5_2/INT10_1/TIOB12_2/MCSX3_0
27
82
P18/AN08/SOT2_2/INT21_1/MAD04_0
P38/IC00_0/SCK5_2/INT11_1/MCLKOUT_0
28
81
P17/AN07/SIN2_2/INT04_1/MAD03_0
P39/DTTI0X_0/ADTG_2
29
80
P16/AN06/SCK0_1/INT20_1/MAD02_0
P3A/RTO00_0/TIOA00_1
30
79
P15/AN05/SOT0_1/IC03_2/MAD01_0
P3B/RTO01_0/TIOA01_1
31
78
P14/AN04/SIN0_1/INT03_1/IC02_2/MAD00_0
P3C/RTO02_0/TIOA02_1
32
77
P13/AN03/SCK1_1/IC01_2/MCSX4_0
P3D/RTO03_0/TIOA03_1
33
76
P12/AN02/SOT1_1/IC00_2/MCSX5_0
P3E/RTO04_0/TIOA04_1
34
75
P11/AN01/SIN1_1/INT02_1/FRCK0_2/MCSX6_0
P3F/RTO05_0/TIOA05_1
35
74
P10/AN00/MCSX7_0
VSS
36
73
VCC
LQFP - 144
<Note>
The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated
port number. For these pins, there are multiple pins that provide the same function for the same channel.
Use the extended port function register (EPFR) to select the pin.
TIOA09_0, TIOA09_1, and TIOA09_2 cannot be used as the external startup trigger input (TGIN signal) at
I/O mode 1 (timer full mode) of the Base Timer. See "●Base Timer" in "Handling Devices" for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More