| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9AAA0N Fiches technique(PDF) 12 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AAA0N Fiches technique(HTML) 12 Page - SPANSION |
|
12 / 109 page ![]() D a t a S h e e t June 30, 2015, MB9AAA0N_DS706-00067-2v0-E 9 CONFIDENTIAL FPT-80P-M37/M40 (TOP VIEW) VCC 1 60 P20 / INT05_0 / CROUT_0 / SEG10 P50 / SIN3_1 / INT00_0 / VV4 2 59 P21 / SIN0_0 / INT06_1 / WKUP2 / SEG11 P51 / SOT3_1 / INT01_0 / VV3 3 58 P22 / SOT0_0 / TIOB7_1 / SEG12 P52 / SCK3_1 / INT02_0 / VV2 4 57 P23 / SCK0_0 / TIOA7_1 / SEG13 P53 / SIN6_0 / TIOA1_2 / INT07_2 / VV1 5 56 P1B / AN11 / SOT4_1 / IC01_1 / SEG17 P54 / SOT6_0 / TIOB1_2 / VV0 6 55 P1A / AN10 / SIN4_1 / INT05_1 / IC00_1 / SEG18 P55 / SCK6_0 / ADTG_1 / SEG39 7 54 P19 / AN09 / SCK2_2 / SEG19 P56 / INT08_2 / SEG38 8 53 P18 / AN08 / SOT2_2 / SEG20 P30 / TIOB0_1 / INT03_2 / COM7 / SEG43 9 52 AVSS P31 / SCK6_1 / TIOB1_1 / INT04_2 / COM6 / SEG42 10 51 AVRH P32 / SOT6_1 / TIOB2_1 / INT05_2 / COM5 / SEG41 11 50 AVCC P33 / SIN6_1 / TIOB3_1 / INT04_0 / ADTG_6 / COM4 / SEG40 12 49 P17 / AN07 / SIN2_2 / INT04_1 / SEG21 P39 / DTTI0X_0 / ADTG_2 / COM3 13 48 P16 / AN06 / SCK0_1 / SEG22 P3A / TIOA0_1 / RTO00_0 / RTCCO_2 / SUBOUT_2 / COM2 14 47 P15 / AN05 / SOT0_1 / IC03_2 / SEG23 P3B / TIOA1_1 / RTO01_0 / COM1 15 46 P14 / AN04 / SIN0_1 / INT03_1 / IC02_2 / SEG24 P3C / TIOA2_1 / RTO02_0 / COM0 16 45 P13 / AN03 / SCK1_1 / IC01_2 / RTCCO_1 / SUBOUT_1 / SEG25 P3D / TIOA3_1 / RTO03_0 / SEG37 17 44 P12 / AN02 / SOT1_1 / IC00_2 / SEG26 P3E / TIOA4_1 / RTO04_0 / SEG36 18 43 P11 / AN01 / SIN1_1 / INT02_1 / FRCK0_2 / WKUP1 / SEG27 P3F / TIOA5_1 / RTO05_0 / SEG35 19 42 P10 / AN00 / SEG28 VSS 20 41 VCC LQFP - 80 <Note> The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. |