| Moteur de recherche de fiches techniques de composants électroniques |
|
MB9A110K Fiches technique(PDF) 21 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9A110K Fiches technique(HTML) 21 Page - SPANSION |
|
21 / 89 page ![]() D a t a S h e e t 18 MB9A110K-DS706-00030-2v0-E, February 20, 2014 CONFIDENTIAL Module Pin name Function Pin No. LQFP-48 QFN-48 LQFP-52 Multi- function Serial 0 SIN0_0 Multi-function serial interface ch.0 input pin 36 39 SIN0_1 29 31 SOT0_0 (SDA0_0) Multi-function serial interface ch.0 output pin. This pin operates as SOT0 when it is used in a UART/CSIO/LIN (operation modes 0 to 3) and as SDA0 when it is used in an I 2C (operation mode 4). 35 38 SOT0_1 (SDA0_1) 30 32 SCK0_0 (SCL0_0) Multi-function serial interface ch.0 clock I/O pin. This pin operates as SCK0 when it is used in a CSIO (operation modes 2) and as SCL0 when it is used in an I 2C (operation mode 4). 34 37 Multi- function Serial 1 SIN1_1 Multi-function serial interface ch.1 input pin 26 28 SOT1_1 (SDA1_1) Multi-function serial interface ch.1 output pin. This pin operates as SOT1 when it is used in a UART/CSIO/LIN (operation modes 0 to 3) and as SDA1 when it is used in an I 2C (operation mode 4). 27 29 SCK1_1 (SCL1_1) Multi-function serial interface ch.1 clock I/O pin. This pin operates as SCK1 when it is used in a CSIO (operation modes 2) and as SCL1 when it is used in an I 2C (operation mode 4). 28 30 |