Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HAS600-P Fiches technique(PDF) 1 Page - LEM

No de pièce HAS600-P
Description  Current Transducers HAS 50~600-P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS600-P Fiches technique(HTML) 1 Page - LEM

  HAS600-P Datasheet HTML 1Page - LEM HAS600-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Type
r.m.s. current
measuring range
I
PN (A)
I
P (A)
50
±150
HAS 50-P
100
±300
HAS 100-P
200
±600
HAS 200-P
300
±900
HAS 300-P
400
±900
HAS 400-P
500
±900
HAS 500-P
600
±900
HAS 600-P
V
C
Supply voltage (± 5 %)
±15
V
I
C
Current consumption
±15
mA
I
OC
Overload capacity
30,000
At
V
d
R.m.s. voltage for AC isolation test, 60 Hz, 1 mn
3
kV
V
b
R.m.s. rated voltage, safe separation
5001)
V
R
IS
Isolation resistance @ 500 VDC
> 1000
M
Ω
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ, TA = 25°C
±4V ±40
mV
R
OUT
Output internal resistance
approx. 100
Ω
R
L
Load resistance
> 1
k
Ω
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ±1
%
ε
L
Linearity 2) (0 .. ± I
PN)
< ±1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ±40
mV
V
OH
Hysteresis offset voltage @ I
PN→ 0
< ±20
mV
V
OT
Thermal drift of V
OE
HAS 50-P
< ±2
mV/K
HAS 100..600-P
< ±1
mV/K
TC
ε
G
Thermal drift of the gain (% of reading)
< ±0.1
%/K
t
r
Response time @ 90% of I
P
< 3
µs
di/dt
di/dt accurately followed
> 50
A/
µs
f
Frequency bandwidth (small signal, -1dB) 3) 4)
DC .. 25
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
m
Mass
approx. 80
g
Standards 5)
EN 50082-2
Current Transducers HAS 50..600-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 50..600 A
V
OUT = ±4 V
Notes : 1) Pollution class 2, overvoltage category III.
2) Linearity data exclude the electrical offset.
3) Please refer to derating curves in the technical file to avoid excessive
core heating at high frequency.
4) Amorphous core option for high frequency application.
5) Please consult characterisation report for more technical details and
application advice.
Features
• Hall effect measuring principle
• Galvanic isolation between primary
and secondary circuit
• Isolation voltage 3000 V~
• Low power consumption
• Extended measuring range (3 x I
PN)
• Insulated plastic case made of
polycarbonate PBT recognized
according to UL 94-V0
• Right angle pins for direct PCB
mounting
Advantages
• Easy mounting
• Small size and space saving
• Only one design for wide current
ratings range
• High immunity to external
interference.
Applications
• AC variable speed drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
LEM Components
www.lem.com
040406/0


Numéro de pièce similaire - HAS600-P

FabricantNo de pièceFiches techniqueDescription
logo
LEM
HAS600-P LEM-HAS600-P Datasheet
808Kb / 2P
Current Transducers
HAS600-P LEM-HAS600-P Datasheet
225Kb / 3P
Current Transducer
More results

Description similaire - HAS600-P

FabricantNo de pièceFiches techniqueDescription
logo
LEM
CT50-T LEM-CT50-T Datasheet
55Kb / 2P
Current Transducers CT 50-T
HAS50-S LEM-HAS50-S Datasheet
48Kb / 2P
Current Transducers HAS 50 to 600-S
HTB50-P LEM-HTB50-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB50-TP LEM-HTB50-TP Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
HY50P LEM-HY50P Datasheet
118Kb / 2P
Current Transducers, HY 50-P/SP1
HAS-300-S LEM-HAS-300-S Datasheet
217Kb / 3P
Current Transducer HAS 50 .. 600-S
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
Current Transducers
HAS-50-S LEM-HAS-50-S Datasheet
530Kb / 3P
Current Transducer HAS 50 .. 600-S
HAS-200-S LEM-HAS-200-S Datasheet
530Kb / 3P
Current Transducer HAS 50 .. 600-S
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com