| Moteur de recherche de fiches techniques de composants électroniques |
|
DF11-28DP-2V Fiches technique(PDF) 5 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF11-28DP-2V Fiches technique(HTML) 5 Page - Hirose Electric |
|
5 / 12 page ![]() A270 sCrimping Socket Note: The specific No. "None" item is delivered per bag unit (100 pcs.). Please order products bag pack unit. sReceptacle (DIP) Photo: Contact insertion status qBoard Through-hole Diameter: Ø0.8+0 +0.1 qKink Prefixed Effective Diameter: Ø0.8+0 +0.05 [Specific No.] –* *, (* *) Blank :Tin plated 100 pcs. per pack (01) :Gold plated 100 pcs. per pack Unit: mm Part Number CL No. DF11-20DS-2C(**) DF11-22DS-2C(**) DF11-24DS-2C(**) DF11-26DS-2C(**) DF11-28DS-2C(**) DF11-30DS-2C(**) DF11-32DS-2C(**) 543-0509-7-** 543-0510-6-** 543-0511-9-** 543-0512-1-** 543-0513-4-** 543-0514-7-** 543-0515-0-** 20 22 24 26 28 30 32 22.0 24.0 26.0 28.0 30.0 32.0 34.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 Number of Contacts A B Part Number CL No. DF11- 4DS-2C(**) DF11- 6DS-2C(**) DF11- 8DS-2C(**) DF11-10DS-2C(**) DF11-12DS-2C(**) DF11-14DS-2C(**) DF11-16DS-2C(**) DF11-18DS-2C(**) 543-0568-6-** 543-0502-8-** 543-0503-0-** 543-0504-3-** 543-0505-6-** 543-0506-9-** 543-0507-1-** 543-0508-4-** 4 6 8 10 12 14 16 18 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 Number of Contacts A B Note: The specific No. "None" item is delivered per bag unit (100 pcs.). Please order products per bag unit. Unit: mm [Specific No.] –* *, (* *) Blank :100 pcs. per pack Part Number CL No. DF11-20DS-2DSA(**) DF11-22DS-2DSA(**) DF11-24DS-2DSA(**) DF11-26DS-2DSA(**) DF11-28DS-2DSA(**) DF11-30DS-2DSA(**) DF11-32DS-2DSA(**) 543-0560-4-** 543-0561-7-** 543-0562-0-** 543-0563-2-** 543-0564-5-** 543-0565-8-** 543-0566-0-** 20 22 24 26 28 30 32 22.0 24.0 26.0 28.0 30.0 32.0 34.0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 Number of Contacts A B Part Number CL No. DF11- 6DS-2DSA(**) DF11- 8DS-2DSA(**) DF11-10DS-2DSA(**) DF11-12DS-2DSA(**) DF11-14DS-2DSA(**) DF11-16DS-2DSA(**) DF11-18DS-2DSA(**) 543-0553-9-** 543-0554-1-** 543-0555-4-** 543-0556-7-** 543-0557-0-** 543-0558-2-** 543-0559-5-** 6 8 10 12 14 16 18 8.0 10.0 12.0 14.0 16.0 18.0 20.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 Number of Contacts A B |