Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI3HDMI511 Fiches technique(PDF) 9 Page - Pericom Semiconductor Corporation

No de pièce PI3HDMI511
Description  HDMI1.4 Redriver Source-side Application
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI511 Fiches technique(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI511 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3HDMI511 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
www.pericom.com
P-0.2
07/10/12
All trademarks are property of their respective owners.
PI3HDMI511
HDMITM1.4 Redriver for Source-side Application
Related DisplayPort/Dual Mode DisplayPort Products
Part Number
Product Description
Availability
PI3HDMI1201
DisplayPort 1.2 Re-driver with built-in AUX listener
Now
PI3VDP1430
Dual Mode DisplayPort to HDMI Level Shifter and Re-driver
Now
PI3HDMI611
3.4G HDMI1.4 Re-driver for Sink application, supporting Dual Mode DisplayPort
Now
PI3VDP3212
2-Lane DisplayPort1.2 Compliant Switch
Now
PI3VDP12412
4-Lane DisplayPort1.2 Compliant Switch
Now
PI3HDMI412AD
1:2 Active 3.4Gbps HDMI1.4 compliant Splitter/Re-driver
Now
PI3HDMI521
2:1 3.4Gbps HDMI1.4 Switch/Re-driver with built-in ARC and Fast Switching support
for Source Application
Now
PI3HDMI621
2:1 3.4Gbps HDMI1.4 Switch/Re-driver with built-in ARC and Fast Switching support
for Sink Application
Now
PI3HDMI336
3:1 Active 3.4Gbps HDMI Switch/Re-driver with I2C control and ARC Transmitter
Now
Reference Information
Document
Description
AN
PI3HDMI511 HDMI1.4 Application Note
VESA
VESA DisplayPort Standard Version 1 Revision 2, Video Electronics Standards Association, January 5, 2010
VESA DisplayPort Dual-Mode Standard Version 1, Video Electronics Standards Association, February 10,
2012
VESA DisplayPort Interoperability Guideline Version 1.1a, Video Electronics Standards Association, Febru-
ary 5, 2009
HDMI
High-Definition Multimedia Interface Specification Version 1.4, HDMI Licensing, LLC, June 5, 2009
Ordering Information
Ordering Number
Package Code
Package Description
PI3HDMI511ZLE
ZLE
Pb-free & Green 32-Contact TQFN
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• X suffix = Tape/Reel
12-0185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16