Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GT19N-1S-R Fiches technique(PDF) 2 Page - Hirose Electric

No de pièce GT19N-1S-R
Description  Connectors for window-mounted antennas
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT19N-1S-R Fiches technique(HTML) 2 Page - Hirose Electric

  GT19N-1S-R Datasheet HTML 1Page - Hirose Electric GT19N-1S-R Datasheet HTML 2Page - Hirose Electric GT19N-1S-R Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Part Number
CL No.
Material
Color
GT19N-1S-HU
769-0002-4
PBT
Light gray
Part Number
CL No.
Material
Color
GT19N-1S-R
769-0003-7
PBT
Dark gray
Part Number
CL No.
Wire Size (AWG)
Outer Diameter
Packaging
GT19N-2022/F3.3-5SCF 769-0001-1
#20 to 22
2.5 to 2.9 mm
4.6 to 5.0 mm 1,100 pcs. per reel
GT19N-2022/F4-5SCF.3 769-0009-3
3.0 to 3.6 mm
Item
Material
Finish
Insulator
PBT
Color: Dark gray
Crimp terminals
Phosphor bronze
Tin plating
Outer terminals
Brass
Tin plating
F Connectors
Terminals
Inner Insulation
Diameter
Housing
Retainer (Used with GT19N-1S-HU)



Html Pages

1 2 3