Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1001 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC1001
Description  10-Bit P Compatible A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1001 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

  ADC1001 Datasheet HTML 1Page - National Semiconductor (TI) ADC1001 Datasheet HTML 2Page - National Semiconductor (TI) ADC1001 Datasheet HTML 3Page - National Semiconductor (TI) ADC1001 Datasheet HTML 4Page - National Semiconductor (TI) ADC1001 Datasheet HTML 5Page - National Semiconductor (TI) ADC1001 Datasheet HTML 6Page - National Semiconductor (TI) ADC1001 Datasheet HTML 7Page - National Semiconductor (TI) ADC1001 Datasheet HTML 8Page - National Semiconductor (TI) ADC1001 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Functional Description (Continued)
Typical Application
DS005675-9
Note 11: VIN(−) should be biased so that VIN(−)≥ −0.05V when potentiom-
eter wiper is set at most negative voltage position.
FIGURE 1. Zero Adjust Circuit
DS005675-10
FIGURE 2. Full-Scale Adjust
DS005675-1
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9