Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1040468 Fiches technique(PDF) 4 Page - SICK AG

No de pièce 1040468
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

1040468 Fiches technique(HTML) 4 Page - SICK AG

  1040468 Datasheet HTML 1Page - SICK AG 1040468 Datasheet HTML 2Page - SICK AG 1040468 Datasheet HTML 3Page - SICK AG 1040468 Datasheet HTML 4Page - SICK AG 1040468 Datasheet HTML 5Page - SICK AG 1040468 Datasheet HTML 6Page - SICK AG 1040468 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT500-A123 | Dx500
LONG RANGE DISTANCE SENSORS
Connection diagram
MF
L+
CAN Low out
CAN Low in
CAN High out
1
2
4
wht
brn
yel
3
grn
5
gra
CAN High in
6
pnk
M
7
blu
nc
8
red
1
2
①  Multifunctional input (MF)
②  Not assigned
Adjustment possible
7
8
6
on
ESC
ENTER
⑥  Operating indicator
⑦  Indicator panel, 7-segment display
⑧  Control panel
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice



Html Pages

1 2 3 4 5 6 7