Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT7C43390LE Fiches technique(PDF) 29 Page - Pericom Semiconductor Corporation

No de pièce PT7C43390LE
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390LE Fiches technique(HTML) 29 Page - Pericom Semiconductor Corporation

Back Button PT7C43390LE Datasheet HTML 25Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 26Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 27Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 28Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 29Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 30Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 31Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 32Page - Pericom Semiconductor Corporation PT7C43390LE Datasheet HTML 33Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
29
PT7C43390/43390C
Real-time Clock Module
Example of Data Reading 2 (3-Byte Data Register)
 Data writing in the PT7C43390
After detecting a start condition, the PT7C43390 receives device code and command. The PT7C43390 enters the write-data mode
by the read / write bit "0". Input data from B7 to B0 in 1-byte. The PT7C43390 outputs an acknowledgment signal "L" every
moment that 1-byte data is input. After receiving the acknowledgment signal which is for the last byte-data, input a stop condition
to the PT7C43390 to finish access.
Example of Data Writing 1 (1-Byte Data Register)
Example of Data Reading 2 (3-Byte Data Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38