Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8A6 Fiches technique(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

No de pièce 8A6
Description  GENERAL PURPOSE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Site Internet  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

8A6 Fiches technique(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  8A6 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd 8A6 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 8A05 THRU 8A10
10
20
100
AMBIENT TEMPERATURE /
NUMBER OF CYCLES AT 60HZ
225
0
1.0
2.0
125
150
175
200
25
50
75
100
4
2
200
0
800
12
Single Phase Half Wave 60HZ
10
600
Resistive or Inductive Load
8
6
400
INSTANTANEOUS FORWARD VOLTAGE / VOLTS
REVERSE VOLTAGE / VOLTS
FIG. 3 -- FORWARD CURRENT DERATING CURVE
FIG. 4 -- PEAK FORWARD SURGE CURRENT
Tj = 125
8.3 ms Single
Half Sing -Wave
1.0
10
100
1.2
1.4
1.6
1.8
0.4
0.6
0.8
1.0
4.0
Tj = 25
Pulse Width = 300 S
1.0
100
0.4
0.1
FIG. 1 -- TYPICAL FORWARD CHARACTERISTIC
FIG. 2 -- TYPICAL JUNCTION CAPACITANCE
10
1000
Tj = 25
10.0
0.04
0
1.0
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!



Html Pages

1 2