Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX Fiches technique(PDF) 2 Page - Cherry Semiconductor Corporation

No de pièce MX
Description  Keymodule MX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

MX Fiches technique(HTML) 2 Page - Cherry Semiconductor Corporation

  MX Datasheet HTML 1Page - Cherry Semiconductor Corporation MX Datasheet HTML 2Page - Cherry Semiconductor Corporation MX Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KEYMODULE
Features
The constructive design of the key and the design of the associated key-
caps fulfil the ergonomic requirements for data input workstations. Long
operating life with gold crosspoint contact and high reliability with quick
actuation. Optionally with integrated colour LED decoupling diode or wire
bridge. 4 mm actuation travel.
Keymodule MX
View of keymodule
Drilling patterns
Keyswitch assembly
Locking unit
with fixing pins
and LED
with fixing pins
with fixing pins and
diode or wire bridge
Size of keycap
1 x 2
1 x 2,25
1 x 2,75
1 x 3
1 x 8
Type of keycap
8 mm/Cyln
8 mm/Cyln
8 mm/Cyln
„A“ (in mm)
23,8
38,1
133,35
Part-No. (without Pins)
G99-0224
G99-0225
G99-0226
Part-No. (with Pins)
G99-0742
G99-0743
G99-0744
70



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com