Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP3083 Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TLP3083
Description  Photocouplers GaAs Infrared LED and Photo Triac
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3083 Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TLP3083 Datasheet HTML 1Page - Toshiba Semiconductor TLP3083 Datasheet HTML 2Page - Toshiba Semiconductor TLP3083 Datasheet HTML 3Page - Toshiba Semiconductor TLP3083 Datasheet HTML 4Page - Toshiba Semiconductor TLP3083 Datasheet HTML 5Page - Toshiba Semiconductor TLP3083 Datasheet HTML 6Page - Toshiba Semiconductor TLP3083 Datasheet HTML 7Page - Toshiba Semiconductor TLP3083 Datasheet HTML 8Page - Toshiba Semiconductor TLP3083 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLP3083,TLP3083F
3
6.
6.
6.
6. Product Naming Conventions
Product Naming Conventions
Product Naming Conventions
Product Naming Conventions
Type of package used for shipment is denoted by a symbol suffix after a part number. The method of classification
is as below.
Example) TLP3083(TP1,F(O
Part number: TLP3083
Tape type: TP1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
[[G]]/RoHS COMPATIBLE: F (Note 2)
(Note 2)
(Note 2)
(Note 2)
Domestic ID (Country/Region of origin: Japan): (O
Note 1: At the part of tape type, below options are used including lead forming type.
TLP3083: LF1, TP1, LF5, TP5
TLP3083F: LF4, TP4
Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's
RoHS compatibility.
RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronics equipment.
2016-02-03
Rev.5.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19