| Moteur de recherche de fiches techniques de composants électroniques |
|
TLP240AF Fiches technique(PDF) 8 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP240AF Fiches technique(HTML) 8 Page - Toshiba Semiconductor |
|
8 / 17 page ![]() TLP240A,TLP240AF 8 16. 16. 16. 16. Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Land Pattern Dimensions (for reference only) Unit: mm TLP240A Fig. Fig. Fig. Fig. 16.1 16.1 16.1 16.1 Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF1), (TP1), (LF5), (TP5) TLP240AF Fig. Fig. Fig. Fig. 16.2 16.2 16.2 16.2 Lead forming and taping option Lead forming and taping option Lead forming and taping option Lead forming and taping option (LF4), (TP4) 17. 17. 17. 17. Marking (Note) Marking (Note) Marking (Note) Marking (Note) TLP240A TLP240AF Note: A different marking is used for photocouplers that have been qualified according to option (D4) of EN60747. See Fig.18.3 and Fig.18.4. 2015-09-11 Rev.3.0 ©2015 Toshiba Corporation |