| Moteur de recherche de fiches techniques de composants électroniques |
|
TLP2662F Fiches technique(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP2662F Fiches technique(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 19 page ![]() TLP2662,TLP2662F 3 6. 6. 6. 6. Internal Circuit Internal Circuit Internal Circuit Internal Circuit 7. 7. 7. 7. Principle of Operation Principle of Operation Principle of Operation Principle of Operation 7.1. 7.1. 7.1. 7.1. Truth Table Truth Table Truth Table Truth Table Input H L LED ON OFF Output L H 7.2. 7.2. 7.2. 7.2. Mechanical Parameters Mechanical Parameters Mechanical Parameters Mechanical Parameters Characteristics Creepage distances Clearance distances Internal isolation thickness 7.62-mm pitch TLP2662 7.0 (min) 7.0 (min) 0.4 (min) 10.16-mm pitch TLP2662F 8.0 (min) 8.0 (min) 0.4 (min) Unit mm mm mm 2015-11-30 Rev.5.0 ©2015 Toshiba Corporation |