| Moteur de recherche de fiches techniques de composants électroniques |
|
9338 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
9338 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF9794 June 1989 9338DM9338 8-Bit Multiple Port Register General Description The DM9338 is an 8-bit multiple port register designed for high speed random access memory applications where the ability to simultaneously read and write is desirable A com- mon use would be as a register bank in a three address computer Data can be written into any one of the eight bits and read from any two of the eight bits simultaneously Connection Diagrams Dual-In-Line Package TLF9794 – 1 Order Number 9338DMQB 9338FMQB or DM9338N See NS Package Number J16A N16E or W16A Pin Names Description A0 – A2 Write Address Inputs DA Data Input B0 – B2 B Read Address Inputs C0 – C2 C Read Address Inputs CP Clock Pulse Input (Active Rising Edge) SLE Slave Enable Input (Active LOW) ZB B Output ZC C Output FAST and TRI-STATE are registered trademarks of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - 9338 |
|
Description similaire - 9338 |