| Moteur de recherche de fiches techniques de composants électroniques |
|
LS7267 Fiches technique(PDF) 11 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7267 Fiches technique(HTML) 11 Page - LSI Computer Systems |
|
11 / 15 page ![]() UP DOWN A tQ1 B X4_CLK tQ2 X2_CLK CNTR advances X1_CLK Fig 4. A/B quadrature clocks and internal count clocks in X1, X2 and X4 modes UP DOWN A B INDEX tidx X4_CLK CNTR fffffd fffffe ffffff 0 1 2 3 2 1 0 ffffff fffffe fffffd INDX (FLG1) CY/ (FLG1) BW/ (FLG2) CMP/ (FLG1 Note. CMP/ signal is arbitrarily shown to be generated at CNTR = fffffe Note. In modulo-N and range-limit modes the CMP/ output is generated in up count only Note. INDEX signal must overlap quarter cycle of both A and B high or both A and B low. Shown here both low. Fig 5. FLG1 and FLG2 outputs in quadrature count mode 7267-052815-11 tQ3 tQ3 tQ3 tQ3 thi tsi |