| Moteur de recherche de fiches techniques de composants électroniques |
|
LS7184 Fiches technique(PDF) 3 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7184 Fiches technique(HTML) 3 Page - LSI Computer Systems |
|
3 / 4 page ![]() 7183/84-121508-3 NOTE: Output clocks labelled 1, 2 and 4 have the following interpretations. 1: Generated in x1, x2 and x4 modes 2: Generated in x2 and x4 modes only 4: Generated in x4 mode only FIGURE 2. LS7183, LS7184 INPUT/OUTPUT TIMING The information included herein is believed to be accurate and reliable. However, LSI Computer Systems, Inc. assumes no responsibilities for inaccuracies, nor for any infringements of patent rights of others which may result from its use. FORWARD REVERSE TPW TOW TPS TDS 2 4 1 4 2 2 4 1 4 2 2 4 1 4 2 2 4 1 4 2 A B UPCLK (7183) DNCLK (7183) CLK (7184) UP/DN (7184) TPS DIRECTION PULSE CURRENT MIRROR FILTER FILTER A B MODE VDD VSS MUX AND BUFFER 8 7 UPCK or CLK DNCK or UP/DN 1 4 5 6 2 3 FIGURE 3. LS7183, LS7184 BLOCK DIAGRAM RBIAS INHIBIT LOGIC MODE DECODE VDD 1M 1M +V -V |