| Moteur de recherche de fiches techniques de composants électroniques |
|
TLP240DF Fiches technique(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP240DF Fiches technique(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 18 page ![]() TLP240D,TLP240DF 9 18. 18. 18. 18. EN60747-5-5 Option (D4) Specification EN60747-5-5 Option (D4) Specification EN60747-5-5 Option (D4) Specification EN60747-5-5 Option (D4) Specification • Part number: TLP240D (Note 1) (Note 1) (Note 1) (Note 1) • The following part naming conventions are used for the devices that have been qualified according to option (D4) of EN60747. Example: TLP240D(D4,TP1,F(O D4: EN60747 option TP1: Tape type F: [[G]]/RoHS COMPATIBLE (Note 2) (Note 2) (Note 2) (Note 2) O: Domestic ID (Country/Region of origin: Japan) Note 1: Use TOSHIBA standard type number for safety standard application. e.g., TLP240D(D4,TP1,F(O → TLP240D Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronics equipment. Fig. Fig. Fig. Fig. 18.1 18.1 18.1 18.1 EN60747 Insulation Characteristics EN60747 Insulation Characteristics EN60747 Insulation Characteristics EN60747 Insulation Characteristics 2016-01-06 Rev.3.0 ©2016 Toshiba Corporation |