| Moteur de recherche de fiches techniques de composants électroniques |
|
DM9309 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM9309 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6602 June 1989 9309DM9309 Dual 4-Bit Data SelectorsMultiplexers General Description These data selectorsmultiplexers contain inverterdrivers to supply full complementary on-chip binary decoded data selection The 9309DM9309 contains two separate 4-bit multiplexers with complementary Y and Y outputs however the two sec- tions have common address select inputs Features Y Complementary outputs Y Dual one-of-four data selectors Connection Diagram Dual-In-Line Package TLF6602 – 1 Order Number 9309DMQB 9309FMQB or DM9309N See NS Package Number J16A N16E or W16A Function Table Inputs Outputs Select Data YY B A C0 C1 C2 C3 L L L XXX L H L L H XXX H L L H XLX X L H L H XHX X H L H L X XLX L H H L X XHX H L H H XXX L L H H H XXX H H L Select inputs A and B are common to both sections H e High Level L e Low Level X e Don’t Care C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM9309 |
|
Description similaire - DM9309 |