Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP8107 Fiches technique(PDF) 3 Page - Sipex Corporation

No de pièce SP8107
Description  Three Channel High Performance Laser Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8107 Fiches technique(HTML) 3 Page - Sipex Corporation

  SP8107 Datasheet HTML 1Page - Sipex Corporation SP8107 Datasheet HTML 2Page - Sipex Corporation SP8107 Datasheet HTML 3Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Advanced
SP8107
Rev. 09/05/03
SP8107 – Three Channel Laser Driver
Copyright 2003 Sipex Corporation
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
3 of 3
ORDERING INFORMATION
Part number
Temperature range
Package Type
SP8107
-40 to +850C
16-pin SSOP



Html Pages

1 2 3