Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP8057 Fiches technique(PDF) 4 Page - Sipex Corporation

No de pièce SP8057
Description  High Speed 11-channel Photo Detector IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8057 Fiches technique(HTML) 4 Page - Sipex Corporation

  SP8057 Datasheet HTML 1Page - Sipex Corporation SP8057 Datasheet HTML 2Page - Sipex Corporation SP8057 Datasheet HTML 3Page - Sipex Corporation SP8057 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADVANCED
SP8057
Rev 0.3 (01-20-04)
SP8057 – High Speed 11-Channel PDIC
SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700.
SIPEX CONFIDENTIAL, ADVANCED & PROPRIETARY. DO NOT DISTRIBUTE OR
COPY
page
4 of 4
ORDERING INFORMATION
Part number
Temperature range
Package Type
SP8057DG
-30 + 80
0C
16-pin OPLGA



Html Pages

1 2 3 4