Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54LS161AW Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 54LS161AW
Description  Synchronous 4-Bit Binary Counters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS161AW Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button 54LS161AW Datasheet HTML 2Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 3Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 4Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 5Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 6Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 7Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 8Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 9Page - National Semiconductor (TI) 54LS161AW Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
’LS163 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load) (Continued)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Clock to Any Q
24
30
ns
Low to High Level Output
(Load Low)
tPHL
Propagation Delay Time
Clock to Any Q
27
38
ns
High to Low Level Output
(Load Low)
tPLH
Propagation Delay Time
Enable T to
14
27
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Enable T to
15
27
ns
High to Low Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clear to Any Q
28
45
ns
High to Low Level Output
(Note 1)
Note 1
The propagation delay clear to output is measured from the clock input transition
Logic Diagram
LS163A
TLF6397 – 2
The LS161A is similar however the clear buffer is connected directly to the flip flops
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12