| Moteur de recherche de fiches techniques de composants électroniques |
|
74LS30 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74LS30 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6360 June 1989 54LS30DM54LS30DM74LS30 8-Input NAND Gate General Description This device contains a single gate which performs the logic NAND function Features Y Alternate MilitaryAerospace device (54LS30) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6360 – 1 Order Number 54LS30DMQB 54LS30FMQB 54LS30LMQB DM54LS30J DM54LS530W DM74LS30M or DM74LS30N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e ABCDEFGH Inputs Output A thru H Y All Inputs H L One or More H Input L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - 74LS30 |
|
Description similaire - 74LS30 |