Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP505 Fiches technique(PDF) 6 Page - Sipex Corporation

No de pièce SP505
Description  Evaluation Board Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP505 Fiches technique(HTML) 6 Page - Sipex Corporation

Back Button SP505 Datasheet HTML 2Page - Sipex Corporation SP505 Datasheet HTML 3Page - Sipex Corporation SP505 Datasheet HTML 4Page - Sipex Corporation SP505 Datasheet HTML 5Page - Sipex Corporation SP505 Datasheet HTML 6Page - Sipex Corporation SP505 Datasheet HTML 7Page - Sipex Corporation SP505 Datasheet HTML 8Page - Sipex Corporation SP505 Datasheet HTML 9Page - Sipex Corporation SP505 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
504/505 AppNote/03
New SP504/505 Evaluation Board
© Copyright 2000 Sipex Corporation
6
SP504 Pin Assignments (cont)
Pin #
Pin Name
Pin Function
Pin Description
Control Line Group
13
DTR
TTL Input
Data terminal ready DTR driver.
16
RTS
TTL Input
Ready to send RTS driver.
17
RL
TTL Input
Remote loopback RL driver.
18
V35_STAT
TTL Output
Outputs logic high in V.35 mode.
19
DCD
TTL Output
Data carrier detect DCD receiver.
21
RI
TTL Output
Ring indicate RI receiver.
24
LL
TTL Input
Local loopback LL driver.
35
RR(a)
Analog Input
Data carrier detect DCD receiver.
36
RR(b)
Analog Input
Data carrier detect DCD receiver.
39
IC(a)
Analog Input
Incoming call RI receiver.
40
IC(b)
Analog Input
Incoming call RI receiver.
45
RL(b)
Analog Output
Remote loopback RL driver.
47
RL(a)
Analog Output
Remote loopback RL driver.
49
LL(b)
Analog Output
Local loopback LL driver.
51
LL(a)
Analog Output
Local loopback LL driver.
52
RS(b)
Analog Output
Ready to send RTS driver.
54
RS(a)
Analog Output
Ready to send RTS driver.
56
TR(b)
Analog Output
Terminal ready DTR driver.
58
TR(a)
Analog Output
Terminal ready DTR driver.
66
CS(a)
Analog Input
Clear to send CTS receiver.
67
CS(b)
Analog Input
Clear to send CTS receiver.
68
DM(a)
Analog Input
Data mode DSR receiver.
69
DM(b)
Analog Input
Data mode DSR receiver.
78
DSR
TTL Output
Data set ready DSR receiver.
80
CTS
TTL Output
Clear to send CTS receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18