Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP503 Fiches technique(PDF) 28 Page - Sipex Corporation

No de pièce SP503
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPEX [Sipex Corporation]
Site Internet  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503 Fiches technique(HTML) 28 Page - Sipex Corporation

Back Button SP503 Datasheet HTML 21Page - Sipex Corporation SP503 Datasheet HTML 22Page - Sipex Corporation SP503 Datasheet HTML 23Page - Sipex Corporation SP503 Datasheet HTML 24Page - Sipex Corporation SP503 Datasheet HTML 25Page - Sipex Corporation SP503 Datasheet HTML 26Page - Sipex Corporation SP503 Datasheet HTML 27Page - Sipex Corporation SP503 Datasheet HTML 28Page - Sipex Corporation SP503 Datasheet HTML 29Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
28
PACKAGE: 80 PIN LQFP
R2
R1
b
e
Seating
Plane
A1
A
A
PIN 1
E1
D1
D
CL
CL
E
L
ø2
ø1
ø
ø3
80 PIN LQFP
A1
L1
1.60
0.15
0.75
MAX
1.45
0.38
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
80–PIN LQFP
JEDEC MS-026
(BEC) Variation
1.40
0.05
16.00 BSC
14.00 BSC
16.00 BSC
14.00 BSC
0.45
MIN
NOM
1.35
1.40
0.22
0.32
D
D1
E
E1
L
e
0.65 BSC
L1
1.00 REF
ø
3.5º
ø1
-
-
ø2
11º
12º
13º
ø3
11º
12º
13º
R1
0.08
-
-
R2
0.08
-
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29