| Moteur de recherche de fiches techniques de composants électroniques |
|
SP3232EBET Fiches technique(PDF) 10 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP3232EBET Fiches technique(HTML) 10 Page - Sipex Corporation |
|
10 / 20 page ![]() Date:02/27/05 SP3222EB/3232EB True +3.0 to +5.5V RS-232 Transceivers © Copyright 2005 Sipex Corporation 10 Receivers The receivers convert EIA/TIA-232 levels to TTL or CMOS logic output levels. The SP3222EB receivers have an inverting tri-state output. These receiver outputs (RxOUT) are tri- stated when the enable control EN = HIGH. In the shutdown mode, the receivers can be active or inactive. EN has no effect on TxOUT. The truth table logic of the SP3222EB driver and receiver outputs can be found in Table 2. Since receiver input is usually from a transmis- sion line where long cable lengths and system interference can degrade the signal, the inputs have a typical hysteresis margin of 300mV. This ensures that the receiver is virtually immune to noisy transmission lines. Should an input be left unconnected, a 5k Ω pulldown resistor to ground will commit the output of the receiver to a HIGH state. Charge Pump The charge pump is a Sipex–patented design (5,306,954) and uses a unique approach com- pared to older less–efficient designs. The charge pump still requires four external capacitors, but uses a four–phase voltage shifting technique to attain symmetrical 5.5V power supplies. The internal power supply consists of a regulated dual charge pump that provides output voltages 5.5V regardless of the input voltage (V CC) over the +3.0V to +5.5V range. In most circumstances, decoupling the power supply can be achieved adequately using a 0.1 µF bypass capacitor at C5 (refer to Figures 8 and 9). In applications that are sensitive to power-sup- ply noise, decouple V CC to ground with a capaci- tor of the same value as charge-pump capacitor C1. Physically connect bypass capacitors as close to the IC as possible. The charge pumps operate in a discontinuous mode using an internal oscillator. If the output voltages are less than a magnitude of 5.5V, the charge pumps are enabled. If the output voltage exceed a magnitude of 5.5V, the charge pumps are disabled. This oscillator controls the four phases of the voltage shifting. A description of each phase follows. Phase 1 — V SS charge storage — During this phase of the clock cycle, the positive side of capacitors C 1 and C2 are initially charged to VCC. Cl + is then switched to GND and the charge in C 1 – is transferred to C 2 –. Since C 2 + is connected to V CC, the voltage potential across capacitor C2 is now 2 times V CC. Phase 2 — V SS transfer — Phase two of the clock con- nects the negative terminal of C 2 to the VSS storage capacitor and the positive terminal of C 2 to GND. This transfers a negative generated voltage to C 3. This generated voltage is regu- lated to a minimum voltage of -5.5V. Simulta- neous with the transfer of the voltage to C 3, the positive side of capacitor C 1 is switched to VCC and the negative side is connected to GND. Phase 3 — V DD charge storage — The third phase of the clock is identical to the first phase — the charge transferred in C 1 produces –VCC in the negative terminal of C 1, which is applied to the negative side of capacitor C 2. Since C 2 + is at V CC, the voltage potential across C 2 is 2 times VCC. Phase 4 — V DD transfer — The fourth phase of the clock connects the negative terminal of C 2 to GND, and transfers this positive generated voltage across C 2 to C4, the VDD storage capacitor. Table 2. SP3222EB Truth Table Logic for Shutdown and Enable Control N D H SN ET U O x TT U O x R 00 e t a t s - i r Te v i t c A 01 e t a t s - i r Te t a t s - i r T 10 e v i t c Ae v i t c A 11 e v i t c Ae t a t s - i r T |