Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM137 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM137
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM137 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button LM137 Datasheet HTML 17Page - Texas Instruments LM137 Datasheet HTML 18Page - Texas Instruments LM137 Datasheet HTML 19Page - Texas Instruments LM137 Datasheet HTML 20Page - Texas Instruments LM137 Datasheet HTML 21Page - Texas Instruments LM137 Datasheet HTML 22Page - Texas Instruments LM137 Datasheet HTML 23Page - Texas Instruments LM137 Datasheet HTML 24Page - Texas Instruments LM137 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM337IMP
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM337IMP/NOPB
SOT-223
DCY
4
1000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM337IMPX
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
LM337IMPX/NOPB
SOT-223
DCY
4
2000
330.0
16.4
7.0
7.5
2.2
12.0
16.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Jun-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28