Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM431BCZ Fiches technique(PDF) 25 Page - Texas Instruments

No de pièce LM431BCZ
Description  Adjustable Precision Zener Shunt Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM431BCZ Fiches technique(HTML) 25 Page - Texas Instruments

Back Button LM431BCZ Datasheet HTML 21Page - Texas Instruments LM431BCZ Datasheet HTML 22Page - Texas Instruments LM431BCZ Datasheet HTML 23Page - Texas Instruments LM431BCZ Datasheet HTML 24Page - Texas Instruments LM431BCZ Datasheet HTML 25Page - Texas Instruments LM431BCZ Datasheet HTML 26Page - Texas Instruments LM431BCZ Datasheet HTML 27Page - Texas Instruments LM431BCZ Datasheet HTML 28Page - Texas Instruments LM431BCZ Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM431ACM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431ACM3X
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431ACM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431ACMX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM431AIM3
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431AIM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431AIM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431AIMX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM431BCM3
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431BCM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431BCM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431BCMX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM431BIM3
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431BIM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431BIM3X
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431BIM3X/NOPB
SOT-23
DBZ
3
3000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
LM431BIMX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LM431CCM3/NOPB
SOT-23
DBZ
3
1000
178.0
8.4
3.3
2.9
1.22
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Nov-2015
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32