Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53353 Fiches technique(PDF) 19 Page - Texas Instruments

No de pièce TPS53353
Description  Synchronous Buck SWIFT Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353 Fiches technique(HTML) 19 Page - Texas Instruments

Back Button TPS53353_16 Datasheet HTML 15Page - Texas Instruments TPS53353_16 Datasheet HTML 16Page - Texas Instruments TPS53353_16 Datasheet HTML 17Page - Texas Instruments TPS53353_16 Datasheet HTML 18Page - Texas Instruments TPS53353_16 Datasheet HTML 19Page - Texas Instruments TPS53353_16 Datasheet HTML 20Page - Texas Instruments TPS53353_16 Datasheet HTML 21Page - Texas Instruments TPS53353_16 Datasheet HTML 22Page - Texas Instruments TPS53353_16 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
19
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Switching frequency versus output current in the light load condition is a function of L, VIN, and VOUT, but it
decreases almost proportionally to the output current from the IOUT(LL) given in Equation 7. For example, it is 60
kHz at IOUT(LL)/5 if the frequency setting is 300 kHz.
7.4.4 Forced Continuous Conduction Mode
When the MODE pin is tied to PGOOD through a resistor, the controller keeps continuous conduction mode
(CCM) in light load condition. In this mode, switching frequency is kept almost constant over the entire load
range which is suitable for applications need tight control of the switching frequency at a cost of lower efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37